PART |
Description |
Maker |
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
2SC4632LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|
2SA1831 0165 |
PNPTriple Diffused Planar Silicon Transistors High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|
CMPT6517 CMPT6520 |
SMD Small Signal Transistor PNP High Voltage COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2SC2881 |
Voltage Amplifier Applications High Voltage : VCEO = 120V High Transition Frequency : fT = 120MHz(typ.)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
PS2703-1-V-A PS2703-1-A PS2703-1-V PS2703-1 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
CEL[California Eastern Labs]
|
PS2703-1-F3-A PS2703-1-F3-K-A PS2703-1-F3-L-A PS27 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
Duracell California Eastern Labs
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|